Part Number Hot Search : 
DT74FCT 4D15R51 IRF840 U2520 C2101 TC1952 BZW04P1 SMCJ14A
Product Description
Full Text Search
 

To Download PDB-C107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDB-C107 Blue Enhanced Photoconductive Silicon Photodiode
PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm]
.008 [0.20] .300 [7.62] .135 [3.43] MAX .070 [1.78] ANODE 2X O.020 [0.51]
.008 [0.20] O.355 [9.02]
120 VIEWING ANGLE CATHODE
.265 [6.73]
CHIP DIMENSIONS INCH [mm] CHIP DIMENSIONS INCH [mm]
.236 [5.99]
2X 1.50 [38.1] MIN
.136 [3.45]
.124 [3.15] ACTIVE AREA
CERAMIC PACKAGE
CERAMIC PACKAGE
.224 [5.69] ACTIVE AREA
FEATURES
* * * * Low noise Blue enhanced High shunt resistance High response
DESCRIPTION
The PDB-C107 is a blue enhanced PIN silicon photodiode in a photoconductive mode, packaged in a ceramic package.
APPLICATIONS
* Instrumentation * Industrial * Medical
ABSOLUTE MAXIMUM RATING (TA)= 23C UNLESS OTHERWISE NOTED
VBR TSTG TO TS Reverse Voltage Storage Temperature Operating Temperature Soldering Temperature* -40 -40 75 +100 +100 +240 V C C C
Responsivity (A/W)
SPECTRAL RESPONSE
0.70 0.60 0.50 0.40 0.30 0.20 0.10 0.00 250 300 350 400 450 500 550 600 650 700 750 800 850 900 950 1000 1050 1100 Wavelength (nm) 1150
SYMBOL
PARAMETER
MIN
MAX
UNITS
* 1/16 inch from case for 3 seconds max.
ELECTRO-OPTICAL CHARACTERISTICS RATING (TA)= 23C UNLESS OTHERWISE NOTED
SYMBOL ISC ID RSH CJ lrange R VBR NEP tr CHARACTERISTIC Short Circuit Current Dark Current Shunt Resistance Junction Capacitance Spectral Application Range Responsivity Breakdown Voltage Noise Equivalent Power Response Time** TEST CONDITIONS H = 100 fc, 2850 K VR = 5V VR = 10 mV VR =10 V, f = 1 MHz Spot Scan l= 450 nm V, VR = 0 V I = 10 A VR = 0V @ l=Peak RL = 50 ,VR = 0 V RL = 50 ,VR = 10 V MIN 170 200 350 0.15 75 TYP 150 1000 100 0.17 100 3X10-13 190 13 MAX 300 UNITS A nA M pF nm A/W V W/ Hz nS
1100
**Response time of 10% to 90% is specified at 660nm wavelength light.
Information in this technical datasheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications are subject to change without notice.
www.lasercomponents.com
Issue: 08/06 / V1 / HW / api/si-pin/blue-photo-c/ PDB-C107.pdf
Germany and other countries: LASER COMPONENTS GmbH, Phone: +49 8142 2864 0, Fax: +49 8142 2864 11, info@lasercomponents.com Great Britain: LASER COMPONENTS (UK) Ltd., Phone: +44 1245 491 499, Fax: +44 1245 491 801, info@lasercomponents.co.uk


▲Up To Search▲   

 
Price & Availability of PDB-C107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X